Part Number Hot Search : 
93100 OF27GJE 493968 PCIB40 43650 RB1212 65PQ015 TC8835AN
Product Description
Full Text Search
 

To Download COM-656E Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  46 COM-656E wide-range temperature intel? atom tm d2550 com express compact type 6 cpu module ? fanless design ? soldered onboard intel ? atom tm d2550 processor ? integrated gigabit ethernet ? single channel 24-bit lvds, analog rgb, and 2 x ddi ports ? wide range operating temp.: -40 ~ 85c system cpu intel ? atom? d2550 1.86ghz processor memory 1 x ddr3 so-dimm socket, supporting sdram up to 4gb chipset intel ? pch nm10 bios ami uefi bios watchdog timer 1~255 levels reset i/o usb port 8 x usb 2.0 ports digital i/o 8-bit programmable digital input/output expansion bus 6 x pcie x1 lanes spi and lpc (low pin count) interfaces storage 2 x serial ata port with 300mb/s hdd transfer rate ethernet chipset 1 x intel ? 82583v pcie gbe controller audio hd audio link display graphics chipset integrated intel ? graphics media accelerator 3650 graphics interface lcd: single channel 24-bit lvds 2 x ddi ports support analog rgb mechanical & environmental power requirement +12v, 5vsb power consumption 1.37a@+12v (typical) operating temp. -40 ~ 85oc (-40 ~ 185of) operating humidity 10 ~ 95% @ 85oc (non-condensing) dimension (l x w) 95 x 95 mm (3.7 x 3.7) dimensions 4.00 76.00 4.00 87.00 45.85 ?2.70 95.00 95.00 2.00 45.35 (5.25) unit: mm features c -40 +85 all specifcations are subject to change without notice.
47 block diagram cedar trail ( d2700 10w & n2600 3.5w & n2800 6.5w) 1 x vga 1 x dp (ddi port 0/1): for n series cpu up to 1600 x 1200 @ 60h z for d series cpu up to 2560 x 1600 @ 60h z 1 x edp (ddi port 0): for n series cpu up to 1366 x 768 @ 60h z for d series cpu up to 1920 x 1080 @ 60h z 1 x lvds: single channel 18-bit for n series cpu up to 1366 x 768 @ 60h z single channel 24-bit for d series cpu up to 1440 x 900 @ 60h z 1 x hdmi (ddi port 0/1): for n series cpu up to 1920 x 1200 @ 60h z for d series cpu up to 1920 x 1200 @ 60h z 1 x dvi (ddi port 0/1): for n series cpu up to 1920 x 1200 @ 60h z for d series cpu up to 1920 x 1200 @ 60h z 2 x ddr3 so-dimm 800 (n2600, up to 2gb) /1066mhz (d2700, up to 4gb ok) nm10 express - tiger point (1.5w) 8 x usb 2.0 2 x sata hd link 4 x pciex1 2 x pci masters 1 x lci interface for 10/100 lan (+ intel 82552 fast ethernet phy) os port of choice windows 7 starter, home, basic & home premium (eld) meego linux google chrome 1 x pciex1 24-bit single channel lvds ddi0 (tmds/ dvi/dp) ddi1 (tmds/ dvi/dp/edp) analog r.g.b. 2 x serial ata port0, 1 spi bus spi bus 2 x pciex1 spi bios fintek f75111 smbus hd audio link gbe lan1 pciex1 intel 82583v gbe controller 8 x usb ports smbus lpc i/f 8-bit digital i/o intel? atom d2550 at 1.86ghz 1 x so-dimm socket intel? nm10 express chipset pch dmix4 for cedarview-d 800/ 1067mhz single channel ddr3 com express type 6 system block diagram emetxe-i250c connector cd connector ab plx pex8606 pcie to pcie bridge 4 x pciex1 (gen2) ordering information COM-656E intel ? atom tm d2550 1.86ghz com express compact cpu module optional accessories hs-250c-f1 heat spreader (95x95x18mm) hs-0000-w4 universal evaluation heatsink kit w/ thermal pad (dimension: 125x95x22mm, only used on a fat type heatspreader) pbe-1702 com express type 6 evaluation carrier board (atx form factor) see page 64 cbk-04-1702-00 cable kit ? 1 x usb cable ? 2 x com port cables ? 1 x sata cable $oovshfl?fdwlrqvduhvxemhfwwrfkdqjhzlwkrxwqrwlfh


▲Up To Search▲   

 
Price & Availability of COM-656E

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X